Part Number Hot Search : 
853S004I C68HC71 E3000 CWT1G 2A101 C3805 SMD250F FR152
Product Description
Full Text Search
 

To Download QP-100-3C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specification model dc voltage rated current current range rated power (max.) output voltage adj. range line regulation load regulation setup, rise time hold time (typ.) voltage range note.5 frequency range power factor (typ.) efficiency (typ.) inrush current (typ.) leakage current safety standards harmonic current ems immunity working temp. working humidity storage temp., humidity temp. coefficient vibration mtbf dimension others note packing over load over voltage over temperature(option) ac current (typ.) 90 ~ 264vac 127 ~ 370vdc 47 ~ 63hz pf>0.95/230vac pf>0.98/115vac at full load 74% 74% 75% 1.5a/115vac 0.75a/230vac cold start 40a/230v <3.5ma / 240vac 105 ~ 150% rated output power ch1:5.75 ~ 6.75v ch2:3.8 ~ 4.4v protection type : hiccup mode, recovers automatically after fault con dition is removed protection type : shut down o/p voltage, re-power on to recover ul60950-1, tuv en60950-1 approved -10 ~ +60 (refer to output load derating curve) 20 ~ 90% rh non-condensing -20 ~ +85 , 10 ~ 95% rh 0.03%/ (0~50 ) 10 ~ 500hz, 2g 10min./1cycle, 60min. each along x, y, z axes 139.9k hrs min. mil-hdbk-217f (25 ) 199*99*50mm (l*w*h) 0.87kg; 20pcs/18.4kg/1.28cuft 1. all parameters not specially mentioned are measured at 230vac input, r ated load and 25 of ambient temperature. 2. ripple & noise are measured at 20mhz of bandwidth by using a 12" twisted pair- wire terminated with a 0.1uf & 47uf parallel capacitor. 3. tolerance : includes set up tolerance, line regulation and load regula tion. 4. the power supply is considered a component which will be installed into a fi nal equipment. the final equipment must be re-confirmed that it still me ets emc directives. 5. derating may be needed under low input voltages. please check the derati ng curve for more details. compliance to en55022 (cispr22) class b compliance to en61000-3-2,-3 compliance to en55024, light industry level, criteria a en61000-4-2,3,4,5,6,8,11; env50204, ripple & noise (max.) note.2 voltage tolerance note.3 100w quad output with pfc function universal ac input / full range built-in active pfc function, pf>0.95 protections:short circuit/over load/over voltage free air cooling convection ch4: polarity is selectable fixed switching frequency at 100khz 3 years warranty features : q p - 1 0 0 s e r i e s environment safety & emc (note 4) protection withstand voltage isolation resistance i/p-o/p:3kvac i/p-fg:1.5kvac o/p-fg:0.5kvac i/p-o/p, i/p-fg, o/p-fg:100m ohms/500vdc emi conduction & radiation qp-100-3a qp-100-3b QP-100-3C 5v 5v 3.3v 12v -5v 3.3v 12v -12v 3.3v 15v -15v 8a 8a 8a 2.5a 0.6a 8a 2.2a 0.6a 8a 1.7a 0.6a 2 ~ 10a 2 ~ 10a 2 ~ 10a 0 ~ 10a 0.3 ~ 3a 0 ~ 1a 0 ~ 10a 0.3 ~ 3a 0 ~ 1a 0 ~ 10a 0.3 ~ 2a 0 ~ 1a 99.4w 100w 100.9w 100mvp-p ch1: 4.75 ~ 5.5v ch2: 3.14 ~ 3.63v ch1: 4.75 ~ 5.5v ch2: 3.14 ~ 3.63v ch1: 4.75 ~ 5.5v ch2: 3.14 ~ 3.63v 100mvp-p 150mvp-p 150mvp-p 100mvp-p 150mvp-p 150mvp-p 100mvp-p 150mvp-p 150mvp-p 100mvp-p 100mvp-p 3.0% 3.0% 3.0% 3.0% 3.0% 3.0% 6.0% 5.0% 6.0% 5.0% +8,-6% 5.0% 1.0% 1.0% 1.0% 2.0% 1.0% 1.0% 2.0% 1.0% 1.0% 1.0% 2.0% 1.0% 2.0% 2.0% 2.0% 2.0% 2.0% 2.0% 2.0% 2.0% 6.0% 2.0% 6.0% 6.0% 95 5 (tsw1) protection type : shut down o/p voltage, recovers automatically after t emperature goes down file name:qp-100-spec 2006-08-22 input 800ms, 50ms/230vac 115vac at full load 800ms, 50ms/ 24ms/230vac 24 115vac at full load ms/ ch2 ch2 ch2 ch3 ch3 ch3 ch4 ch4 ch4 ch1 ch1 output number .. 5v 8a ch1 rsg electronic components rsg electronic components gmbh sprendlinger landstr. 115 d-63069 offenbach/germany tel. +49 69 984047-0 fax +49 69 984047-77 info@rsg-electronic.de www.rsg-electronic.de ?nderungen vorbehalten / subject to change without notice
specification model dc voltage rated current current range rated power (max.) output voltage adj. range line regulation load regulation setup, rise time hold time (typ.) voltage range note.5 frequency range power factor (typ.) efficiency (typ.) input inrush current (typ.) leakage current safety standards harmonic current ems immunity working temp. working humidity storage temp., humidity temp. coefficient vibration mtbf dimension others note packing over load over voltage over temperature(option) ac current (typ.) 90 ~ 264vac 127 ~ 370vdc 47 ~ 63hz pf>0.95/230vac pf>0.98/115vac at full load 75% 78% 78% 1.5a/115vac 0.75a/230vac cold start 40a/230v <3.5ma / 240vac 105 ~ 150% rated output power ch1:5.75 ~ 6.75v ch2:3.8 ~ 4.4v ch1:5.75 ~ 6.75v ch2:13.8 ~ 16.2v ch1:5.75 ~ 6.75v ch2:17.25 ~ 20.25v protection type : shut down o/p voltage, re-power on to recover ul60950-1, tuv en60950-1 approved -10 ~ +60 (refer to output load derating curve) 20 ~ 90% rh non-condensing -20 ~ +85 , 10 ~ 95% rh 0.03%/ (0~50 ) 10 ~ 500hz, 2g 10min./1cycle, 60min. each along x, y, z axes 139.9k hrs min. mil-hdbk-217f (25 ) 199*99*50mm (l*w*h) 1. all parameters not specially mentioned are measured at 230vac input, r ated load and 25 of ambient temperature. 2. ripple & noise are measured at 20mhz of bandwidth by using a 12" twisted pair- wire terminated with a 0.1uf & 47uf parallel capacitor. 3. tolerance : includes set up tolerance, line regulation and load regula tion. 4. the power supply is considered a component which will be installed into a fi nal equipment. the final equipment must be re-confirmed that it still me ets emc directives. 5. derating may be needed under low input voltages. please check the derati ng curve for more details. compliance to en55022 (cispr22) class b compliance to en61000-3-2,-3 compliance to en55024, light industry level, criteria a en61000-4-2,3,4,5,6,8,11; env50204, ripple & noise (max.) note.2 voltage tolerance note.3 100w quad output with pfc function features : q p - 1 0 0 s e r i e s environment safety & emc (note 4) protection withstand voltage isolation resistance i/p-o/p:3kvac i/p-fg:1.5kvac o/p-fg:0.5kvac i/p-o/p, i/p-fg, o/p-fg:100m ohms/500vdc emi conduction & radiation qp-100-3d qp-100d qp-100f 5v 5v 5v 3.3v 24v -12v 12v 24v -12v 15v 24v -15v 8a 8a 8a 8a 1.3a 0.6a 2.4a 1a 0.6a 1a 0.6a 2 ~ 10a 2 ~ 10a 2 ~ 10a 0 ~ 10a 0.3 ~ 2a 0 ~ 1a 0 ~ 3a 0.3 ~ 2a 0 ~ 1a 0 ~ 3a 0.3 ~ 2a 0 ~ 1a 104.8w 100w 103w 100mvp-p 100mvp-p 150mvp-p 150mvp-p 150mvp-p 200mvp-p 150mvp-p 180mvp-p 200mvp-p 150mvp-p 120mvp-p 120mvp-p 3.0% 3.0% 3.0% 3.0% 3.0% 3.0% 6.0% 5.0% 6.0% 5.0% 5.0% 1.0% 1.0% 1.0% 2.0% 1.0% 1.0% 2.0% 1.0% 1.0% 1.0% 2.0% 1.0% 2.0% 2.0% 2.0% 2.0% 2.0% 2.0% 2.0% 2.0% 6.0% 2.0% 6.0% 6.0% 6.0% protection type : shut down o/p voltage, recovers automatically after t emperature goes down file name:qp-100-spec 2006-08-22 ch1: 4.75 ~ 5.5v ch2: 3.14 ~ 3.63v ch1: 4.75 ~ 5.5v ch2: 11.4 ~ 13.2v ch1: 4.75 ~ 5.5v ch2: 14.3 ~ 16.5v universal ac input / full range built-in active pfc function, pf>0.95 protections:short circuit/over load/over voltage free air cooling convection ch4: polarity is selectable fixed switching frequency at 100khz 3 years warranty 800ms, 50ms/230vac 115vac at full load 800ms, 50ms/ 24ms/230vac 24 115vac at full load ms/ protection type : hiccup mode, recovers automatically after fault con dition is removed 95 5 (tsw1) 0.87kg; 20pcs/18.4kg/1.28cuft ch2 ch2 ch2 ch3 ch3 ch3 ch4 ch4 ch4 ch1 ch1 ch1 output number .. 2a rsg electronic components rsg electronic components gmbh sprendlinger landstr. 115 d-63069 offenbach/germany tel. +49 69 984047-0 fax +49 69 984047-77 info@rsg-electronic.de www.rsg-electronic.de ?nderungen vorbehalten / subject to change without notice
u s p - 2 2 5 s e r i e s u s p - 2 2 5 s e r i e s mechanical specification derating curve output derating vs input voltage case no. 916a unit:mm ambient temperature ( ) input voltage (vac) 60hz 90 110 115 135 155 264 230 load (%) load (%) 20 40 60 70 80 100 -10 -10 0 0 10 20 30 40 50 60 (horizontal) fosc : 100khz block diagram 90 100 80 70 60 50 40 file name:qp-100-spec 2006-08-22 100w quad output with pfc function q p - 1 0 0 s e r i e s pwm & pfc emi filter rectifiers circuit power switch- filter & rectifiers v3 i/p fg ing control o.v.p. & pfc detection circut rectifiers filter & regulator v4 control ma & rectifiers filter & v2 & filter rectifiers com +5v terminal pin no. assignment : pin no. pin no. 1 3 4 2 5 6,7 8,9 10 assignment assignment ac/l dc output v3 dc output v1 dc output com dc output v2 ac/n fg dc output v4 117 25 4-m4 l=6mm 3 2 6.15 7.62 1 4 5 7 6 8 9 10 led +v adj.1 +v adj.2 5-m3 l=6mm 168 2-m4 65 20 15 55 199 49.5 10 79 99 51 38 12.5 25 25 50 rsg electronic components rsg electronic components gmbh sprendlinger landstr. 115 d-63069 offenbach/germany tel. +49 69 984047-0 fax +49 69 984047-77 info@rsg-electronic.de www.rsg-electronic.de ?nderungen vorbehalten / subject to change without notice
specification model dc voltage rated current current range rated power (max.) output voltage adj. range line regulation load regulation setup, rise time hold time (typ.) voltage range note.5 frequency range power factor (typ.) efficiency (typ.) inrush current (typ.) leakage current safety standards harmonic current ems immunity working temp. working humidity storage temp., humidity temp. coefficient vibration mtbf dimension others note packing over load over voltage over temperature(option) ac current (typ.) 1000ms, 50ms at full load 24ms at full load 90 ~ 264vac 127 ~ 370vdc 47 ~ 63hz pf>0.95/230vac pf>0.98/115vac at full load 76% 77% 1.5a/115vac 0.75a/230vac cold start 40a <3.5ma / 240vac 105 ~ 135% rated output power ch1:5.75 ~ 6.75v protection type : shut down o/p voltage, re-power on to recover ul60950-1, tuv en60950-1 approved -10 ~ +60 (refer to output load derating curve) 20 ~ 90% rh non-condensing -20 ~ +85 , 10 ~ 95% rh 0.03%/ (0~50 ) 10 ~ 500hz, 2g 10min./1cycle, 60min. each along x, y, z axes 139.9k hrs min. mil-hdbk-217f (25 ) 199*99*50mm (l*w*h) 1.1kg; 20pcs/22kg/1.28cuft 1. all parameters not specially mentioned are measured at 230vac input, r ated load and 25 of ambient temperature. 2. ripple & noise are measured at 20mhz of bandwidth by using a 12" twisted pair- wire terminated with a 0.1uf & 47uf parallel capacitor. 3. tolerance : includes set up tolerance, line regulation and load regula tion. 4. the power supply is considered a component which will be installed into a fi nal equipment. the final equipment must be re-confirmed that it still me ets emc directives. 5. derating may be needed under low input voltages. please check the derati ng curve for more details. compliance to en55022 (cispr22) class b compliance to en61000-3-2,-3 compliance to en55024, light industry level, criteria a en61000-4-2,3,4,5,6,8,11; env50204, ripple & noise (max.) note.2 voltage tolerance note.3 100w quad output with pfc function universal ac input / full range built-in active pfc function, pf>0.95 protections:short circuit/over load/over voltage free air cooling convection fixed switching frequency at 100khz 3 years warranty features : q p - 1 0 0 b , c s e r i e s environment safety & emc (note 4) protection withstand voltage isolation resistance i/p-o/p:3kvac i/p-fg:1.5kvac o/p-fg:0.5kvac i/p-o/p, i/p-fg, o/p-fg:100m ohms/500vdc emi conduction & radiation qp-100b qp-100c 5v 5v 12v ch2 ch2 -12v ch3 ch3 -5v ch4 ch4 15v -15v -5v 10a 10a 0.6a 2.2a 0.6a 2 ~ 10a 2 ~ 10a 0.3 ~ 4a 0.15 ~ 1a 0 ~ 1a 0.3 ~ 3a 0.15 ~ 1a 0 ~ 1a 101w 101w 100mvp-p ch1:4.75 ~ 5.5v ch1:4.75 ~ 5.5v 150mvp-p 150mvp-p 100mvp-p 150mvp-p 150mvp-p 100mvp-p 100mvp-p 3.0% 6.0% 3.0% +6,-10% +10,-6% 5.0% 8.0% 5.0% 1.0% 2.0% 1.0% 2.0% 1.0% 2.0% 2.0% 1.0% 2.0% 6.0% 2.0% 2.0% 2.0% 6.0% 2.0% 6.0% protection type : shut down o/p voltage, recovers automatically after t emperature goes down file name:qp-100b,c-spec 2006-08-22 input .. protection type : hiccup mode, recovers automatically after fault con dition is removed 95 5 (tsw1) ch1 ch1 output number 3a 1a 1a rsg electronic components rsg electronic components gmbh sprendlinger landstr. 115 d-63069 offenbach/germany tel. +49 69 984047-0 fax +49 69 984047-77 info@rsg-electronic.de www.rsg-electronic.de ?nderungen vorbehalten / subject to change without notice
mechanical specification derating curve output derating vs input voltage file name:qp-100b,c-spec 2006-08-22 case no. 916a unit:mm ambient temperature ( ) input voltage (vac) 60hz 90 110 115 135 155 264 230 load (%) load (%) 20 40 60 70 80 100 -10 -10 0 0 10 20 30 40 50 60 (horizontal) fosc : 100khz pwm & pfc emi filter rectifiers circuit power switch- filter & rectifiers v3 i/p fg ing control o.v.p. & pfc detection circut rectifiers filter & regulator v4 control ma & rectifiers filter & v2 & filter rectifiers com +5v terminal pin no. assignment : pin no. pin no. 1 3 4 2 5 6,7 8,9 10 assignment assignment ac/l dc output v3 dc output v1 dc output com dc output v2 ac/n fg dc output v4 117 25 4-m4 l=6mm 3 2 6.15 7.62 1 4 5 7 6 8 9 10 led +v adj.1 5-m3 l=6mm 168 2-m4 65 20 15 55 199 49.5 10 79 99 51 38 12.5 25 25 50 90 100 80 70 60 50 40 100w quad output with pfc function q p - 1 0 0 b , c s e r i e s block diagram rsg electronic components rsg electronic components gmbh sprendlinger landstr. 115 d-63069 offenbach/germany tel. +49 69 984047-0 fax +49 69 984047-77 info@rsg-electronic.de www.rsg-electronic.de ?nderungen vorbehalten / subject to change without notice


▲Up To Search▲   

 
Price & Availability of QP-100-3C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X